Part Number Hot Search : 
A0614BB1 BC214 BU810 FLU10XM AD8320 M54522FP ARJ2003 ICS8752I
Product Description
Full Text Search
 

To Download SC52-11GWA11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsac0652 rev no: v.12 date: feb/12/2011 page: 1 of 6 approved: wynec checked: joe lee drawn: y.f.lv er p: 1301001028 13.2mm(0.52inch) single digit numeric display part number: sc52-11gwa green features z 0.52 inch digit height. z excellent character appearance. z easy mounting on p.c. boards or sockets. z mechanically rugged. z standard : gray face, white segment. z rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice .
spec no: dsac0652 rev no: v.12 date: feb/12/2011 page: 2 of 6 approved: wynec checked: joe lee drawn: y.f.lv er p: 1301001028 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. sc52-11gwa green (gap) white diffused 5600 10500 common cathode, rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage green 2.2 2.5 v i f =20ma i r reverse current green 10 ua v r =5v parameter green units power dissipation 62.5 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsac0652 rev no: v.12 date: feb/12/2011 page: 3 of 6 approved: wynec checked: joe lee drawn: y.f.lv er p: 1301001028 green sc52-11gwa
spec no: dsac0652 rev no: v.12 date: feb/12/2011 page: 4 of 6 approved: wynec checked: joe lee drawn: y.f.lv er p: 1301001028 packing & label specifications sc52-11gwa
spec no: dsac0652 rev no: v.12 date: feb/12/2011 page: 5 of 6 approved: wynec checked: joe lee drawn: y.f.lv er p: 1301001028
spec no: dsac0652 rev no: v.12 date: feb/12/2011 page: 6 of 6 approved: wynec checked: joe lee drawn: y.f.lv er p: 1301001028


▲Up To Search▲   

 
Price & Availability of SC52-11GWA11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X